PART |
Description |
Maker |
MC33363 MC33363DW |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
Motorola ON Semiconductor
|
LT1424-5 LT1424CN8-5 LT1424CS8-5 LT1424IN8-5 LT142 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8 From old datasheet system Isolated Flyback Switching Regulator with 5V Output
|
Linear Technology, Corp.
|
BD9738KN |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC48 7-Channel Switching Regulator Controller for Digital Camera
|
ROHM[Rohm]
|
L6902D04 L6902D013TR L6902D E-L6902D |
3.2 A SWITCHING REGULATOR, 287 kHz SWITCHING FREQ-MAX, PDSO8 UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
STMICROELECTRONICS[STMicroelectronics]
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
KA3S0880RB KA3S0880RB-TU KA3S0880RB-YDTU KA3S0880R |
CAP TANT LOESR 220UF 4.0V 10%SMD 32 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5 Fairchild Power Switch(SPS) 32 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5 SLEC28S2S 32 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
BA6161 BA6161F BA6161N A5800930 BA6161N/F |
Regulator LSIs > Switching regulator Switching regulator for electronic tuning From old datasheet system
|
ROHM[Rohm]
|
RS5RM RS5RM3329A-T1 RS5RM5045B-T2 RS5RM4036B-T2 RS |
CAPACITOR PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
LTC1736C LTC1736I LTC1736CGTRPBF |
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 3 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO24 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology, Corp.
|
LM257509 LM2575-12WT LM2575-5.0BWMTAMPR MICRELINC- |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24
|
Micrel Semiconductor, Inc. MICREL INC
|